PART |
Description |
Maker |
E2SGA14-11.184M |
CRYSTALS 15/30 0 70 14PF 11.184MHZ ATCUT FUND HC-49/UP QUARTZ CRYSTAL RESONATOR, 11.184 MHz
|
Ecliptek, Corp.
|
GSRFTA0330A GSRFTA0707A GOLLEDGEELECTRONICSLTD-GSR |
1 FUNCTIONS, 821 MHz, SAW FILTER 1 FUNCTIONS, 429.25 MHz, SAW FILTER 1 FUNCTIONS, 584 MHz, SAW FILTER 1 FUNCTIONS, 656 MHz, SAW FILTER 1 FUNCTIONS, 420 MHz, SAW FILTER 1 FUNCTIONS, 1960 MHz, SAW FILTER 1 FUNCTIONS, 1732.5 MHz, SAW FILTER 1 FUNCTIONS, 900 MHz, SAW FILTER 1 FUNCTIONS, 2017.5 MHz, SAW FILTER 1 FUNCTIONS, 1056 MHz, SAW FILTER 1 FUNCTIONS, 1842 MHz, SAW FILTER 1 FUNCTIONS, 942.5 MHz, SAW FILTER 1 FUNCTIONS, 2441.8 MHz, SAW FILTER 1 FUNCTIONS, 2158 MHz, SAW FILTER 1 FUNCTIONS, 315 MHz, SAW FILTER 1 FUNCTIONS, 1970 MHz, SAW FILTER 1 FUNCTIONS, 930.5 MHz, SAW FILTER 1 FUNCTIONS, 1870 MHz, SAW FILTER 1 FUNCTIONS, 424 MHz, SAW FILTER 1 FUNCTIONS, 2250 MHz, SAW FILTER 1 FUNCTIONS, 2665 MHz, SAW FILTER 1 FUNCTIONS, 868.3 MHz, SAW FILTER
|
GOLLEDGE ELECTRONICS LTD
|
AL1000-M5 AW1000-M5 AR5060-06 AW1000-M5D AR2000-01 |
锛?ILTER 1锛??锛?/span> "FILTER 1/4"" "FILTER 3/4"" "FILTER 1/8"" "FILTER 1/2"" "FILTER 3/8"" Microprocessor-Controlled Battery Management System "FILTER 1"" FILTER M5 BRACKET 5000/6000 FILTER REGULATOR 1/4 FILTER REGULATOR 1/2 FILTER REGULATOR 1/8 FILTER REGULATOR 3/8 "REGULATOR 1"" "REGULATOR 3/8"" LUBRICATOR 3/8 LUBRICATOR 1/8 Dual 2-Phase, No RSENSE DC/DC Controller with Output Tracking; Package: QFN; No of Pins: 24; Temperature Range: -40°C to 125°C "REGULATOR 1/2"" "REGULATOR 1/8"" "REGULATOR 3/4"" FILTER REGULATOR M5 LUBRICATOR M5 锛?EGULATOR 3/8锛??锛?/span>
|
|
ZJYS81 ZJYS81R5-2P24-G01 ZJYS81R5-2P25T-G01 ZJYS81 |
2 FUNCTIONS, 80 V, 0.5 A, DATA LINE FILTER ROHS COMPLIANT, SMD, 4 PIN Common Mode Filters(SMD) For CAN-BUS / General Signal Line 共模滤波器(贴片)总线/一般信号线用于CAN
|
东电?中国)投资有限公司 东电中国)投资有限公司 TDK Electronics TDK Corporation TDK, Corp.
|
TA0657A |
SAW Filter 315MHz SMD 3.0隆驴3.0mm SAW Filter 315MHz SMD 3.0×3.0mm
|
TAI-SAW TECHNOLOGY CO., LTD.
|
TA0674A |
SAW Filter 996MHz SMD 3.0隆驴3.0mm SAW Filter 996MHz SMD 3.0×3.0mm
|
TAI-SAW TECHNOLOGY CO., LTD.
|
TA0705A |
SAW Filter 315MHz SMD 3.8隆驴3.8mm SAW Filter 315MHz SMD 3.8×3.8mm
|
TAI-SAW TECHNOLOGY CO., LTD.
|
TA0537A |
SAW Filter 433.92MHz SMD 3.8隆驴3.8 mm SAW Filter 433.92MHz SMD 3.8×3.8 mm
|
TAI-SAW TECHNOLOGY CO., LTD.
|
TB0648A |
SAW Filter 351MHz 90 MHz BW (SMD 5隆驴5 mm) SAW Filter 351MHz 90 MHz BW (SMD 5×5 mm)
|
TAI-SAW TECHNOLOGY CO., LTD.
|
TA0566A |
SAW Filter 1330MHz SMD 3.0隆驴3.0mm SAW Filter 1330MHz SMD 3.0×3.0mm
|
TAI-SAW TECHNOLOGY CO., LTD.
|
|